PART |
Description |
Maker |
M80-4C13042F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 30 x Small bore signal contacts, 2 x 12 AWG Power contacts 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
AT52BR1674T-85CI AT52BR1672-85CI AT52BR1672T-85CI |
16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3102R; Number of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:2; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Male RoHS Compliant: No 16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory 16兆的闪存 4兆位的SRAM堆栈内存
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
M80-4D10405F2-02-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 4 x Large bore signal contacts, 2 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
PIC16C505-04E/SL PIC16C505-04I/SL PIC16C505-20E/SL |
14-Pin/ 8-Bit CMOS Microcontroller Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 3.3V ECL Programmable Delay Chip; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tape and Reel; Qty per Container: 2000 14引脚位CMOS微控制器 INTEGRATED HOST PROC 14引脚位CMOS微控制器 14-Pin, 8-Bit CMOS Microcontroller 14引脚位CMOS微控制器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female 14引脚位CMOS微控制器 14-Pin, 8-Bit CMOS Microcontroller 14引脚CMOS微控制器 PT06E SERIES (MS3116) ENVIRONMENTAL-RESISTANT STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14 SHELL SIZE, 14-12 INSERT ARRANGEMENT, PLUG GENDER, 12 CONTACTS 14引脚CMOS微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
RS5RJ RS5RJ3329A-T1 RS5RJ5045B-T2 RS5RJ4036B-T2 RS |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:8; Connector Shell Size:22; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female POLYESTER CAPACITOR VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO8 VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 衡工量值式升压型DC / DC转换器稳压器和检测器
|
Ricoh Co., Ltd. http:// RICOH COMPANY LTD RICOH electronics devic...
|
173D225X0035V 173D225X0050W 173D225X0015U 173D225X |
Solid Tantalum Capacitors, Solid Electrolyte Tantalex, Axial Leaded, Molded Case, Standard Range Solid-Electrolyte TANTALEX Capacitors Axial-Leaded Molded-Case Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:18-30 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; Number of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle CONNECTOR ACCESSORY Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum Alloy; Series:SW3106; No. of Contacts:10; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female PT 30C 1#16,29#20 SKT PLUG PT 30C 1#16,29#20 SKT 插头 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case 固态电解质TANTALEX电容,轴向引线,塑壳 LED PNL MT 7MM 6V CHROME RED 固态电解质TANTALEX电容,轴向引线,塑壳 OSC 5V SMT 7X5 CMOS PROGRM 固态电解质TANTALEX电容,轴向引线,塑壳 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle 固态电解质TANTALEX电容,轴向引线,塑壳 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
DF4-9PA-2R28 DF4-02P-2R26 DF4-02PA-2R26 DF4-03P-2R |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 CORD 18AWG 3COND SJT GRAY 2毫米间距连接器直接安装在董事 2mm Pitch Connector Directly Mounted on Board 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3106; Number of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 SIGN, SAFETY HELMETS MUST BE WORN, SAV; RoHS Compliant: NA SIGN, HAND PROTECT MUST BE WORN, RP; RoHS Compliant: NA RES 6.81K-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-0805 TR-7-PA ROHS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
M80-4D11405F2-04-325-02-325 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 14 x Large bore signal contacts, 6 x 12 AWG Power contacts
|
HARWIN INC
|
IR2E46U6 IR2E47U6 IR2E48U6 GM1HD55200A GL5CU44 GL5 |
HIGH-LUMINOSITY LED LAMP 高亮度发光二极管 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:24; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-24 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes INDU : 1H 10% MAGNETICALLY SHIELDED(WIREBOUND) KK 100 HDR FLAT RTAN 8CKT TIN Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:27; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket CONNECTOR ACCESSORY Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-41
|
http:// Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers List of Unclassifed Man...
|
AMS3107CS-40 AMS3107S-33 AMS3107CS-33 AMS3107S-X A |
3.3V 500mA low dropout voltage regulator 3.5V 500mA low dropout voltage regulator 2.5V 500mA low dropout voltage regulator SENSOR AMP DIFFERENTIAL 5 H2O Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 500mA的低压差稳压 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug; Body Style:Right Angle 500mA的低压差稳压 Octal D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 500mA的低压差稳压 500mA LOW DROPOUT VOLTAGE REGULATOR 500mA的低压差稳压 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 500mA的低压差稳压 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3100; No. of Contacts:35; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight ER 3C 3#16S PIN RECP LINE ER 4C 4#16S PIN RECP LINE Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3100; Number of Contacts:19; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle ER 2C 2#16S PIN RECP LINE ER 14C 2#16 12#8 PIN RECP ER 14C 2#16 12#8 SKT RECP ER 7C 7#4 PIN RECP BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 0,97 N [3.5 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 2.0V 500mA low dropout voltage regulator 3.0V 500mA low dropout voltage regulator 5.0V 500mA low dropout voltage regulator 4.0V 500mA low dropout voltage regulator
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
|